Part Number Hot Search : 
KN3906 MC33375 VG573 93C46AB1 HMBT5087 6X1220RT 100E1 4N60C
Product Description
Full Text Search
 

To Download DDTA114EE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DDTA (R1 = R2 SERIES) E
PNP PRE-BIASED SMALL SIGNAL SOT-523 SURFACE MOUNT TRANSISTOR Features
NEW PRODUCT
* * *
Epitaxial Planar Die Construction Complementary NPN Types Available (DDTC) Built-In Biasing Resistors, R1 = R2
A OUT TOP VIEW IN G H K M BC GND
SOT-523 Dim A B C D
N
Min 0.15 0.75 1.45 3/4 0.90 1.50 0.00 0.60 0.10 0.10 0.45 0
Max 0.30 0.85 1.75 3/4 1.10 1.70 0.10 0.80 0.30 0.20 0.65 8
Typ 0.22 0.80 1.60 0.50 1.00 1.60 0.05 0.75 0.22 0.12 0.50 3/4
Mechanical Data
* * * * * * * * Case: SOT-523, Molded Plastic Case material - UL Flammability Rating 94V-0 Moisture sensitivity: Level 1 per J-STD-020A Terminals: Solderable per MIL-STD-202, Method 208 Terminal Connections: See Diagram Marking: Date Code and Marking Code (See Diagrams & Page 2) Weight: 0.002 grams (approx.) IN Ordering Information (See Page 2)
P/N DDTA123EE DDTA143EE DDTA114EE DDTA124EE DDTA144EE DDTA115EE R1, R2 (NOM) MARKING 2.2KW 4.7KW 10KW 22KW 47KW 100KW P04 P08 P13 P17 P20 P24
G H J K
J
D
L
R1 R2
OUT
L M N a
GND
All Dimensions in mm
IN
GND SCHEMATIC DIAGRAM
OUT
Maximum Ratings
Supply Voltage, (3) to (1) Input Voltage, (2) to (1)
@ TA = 25C unless otherwise specified Symbol VCC DDTA123EE DDTA143EE DDTA114EE DDTA124EE DDTA144EE DDTA115EE DDTA123EE DDTA143EE DDTA114EE DDTA124EE DDTA144EE DDTA115EE Value -50 +10 to -12 +10 to -30 +10 to -40 +10 to -40 +10 to -40 +10 to -40 -100 -100 -50 -30 -30 -20 150 833 -55 to +150 Unit V
Characteristic
VIN
V
Output Current
IO
mA
Power Dissipation Thermal Resistance, Junction to Ambient Air (Note 1) Operating and Storage and Temperature Range Note:
Pd RqJA Tj, TSTG
mW C/W C
1. Mounted on FR4 PC Board with recommended pad layout at http://www.diodes.com/datasheets/ap02001.pdf.
DS30317 Rev. 2 - 2
1 of 3
DDTA (R1 = R2 SERIES) E
Electrical Characteristics
@ TA = 25C unless otherwise specified Symbol Vl(off) Min -0.5 Typ -1.1 Max 3/4 V Unit Test Condition VCC = 5V, IO = 100mA VO = 0.3V, IO = 20mA, DDTA123EE VO = 0.3V, IO = 20mA, DDTA143EE VO = 0.3V, IO = 10mA, DDTA114EE VO = 0.3V, IO = 5mA, DDTA124EE VO = 0.3V, IO = 2mA, DDTA144EE VO = 0.3V, IO = 1mA, DDTA115EE IO/Il =10mA/0.5mA, DDTA123EE IO/Il =10mA/0.5mA, DDTA143EE IO/Il =10mA/0.5mA, DDTA114EE IO/Il =10mA/0.5mA, DDTA124EE IO/Il =10mA/0.5mA, DDTA144EE IO/Il =5mA/0.25mA, DDTA115EE
NEW PRODUCT
Characteristic
Input Voltage
Vl(on)
3/4
-1.9
-3
Output Voltage
VO(on)
3/4
-0.1
-0.3
V
Input Current
DDTA123EE DDTA143EE DDTA114EE DDTA124EE DDTA144EE DDTA115EE DDTA123EE DDTA143EE DDTA114EE DDTA124EE DDTA144EE DDTA115EE
Il
3/4
3/4
-3.8 -1.8 -.88 -.36 -.18 -.15 0.5
mA
VI = -5V
Output Current
IO(off)
3/4 -20 -20 -30 -56 -68 -82 -30 0.8 3/4
3/4
mA
VCC = -50V, VI = 0V VO = -5V, IO = -20mA VO = -5V, IO = -10mA VO = -5V, IO = -5mA VO = -5V, IO = -5mA VO = -5V, IO = -5mA VO = -5V, IO = -5mA 3/4 3/4 VCE = -10V, IE = 5mA, f = 100MHz
DC Current Gain
Gl
3/4
3/4
3/4
Input Resistor (R1) Tolerance Resistance Ratio Gain-Bandwidth Product* * Transistor - For Reference Only
DR1 R2/R1 fT
3/4 1 250
+30 1.2 3/4
% 3/4 MHz
Ordering Information
Device DDTA123EE-7 DDTA143EE-7 DDTA114EE-7 DDTA124EE-7 DDTA144EE-7 DDTA115EE-7 Notes:
(Note 2) Packaging SOT-523 SOT-523 SOT-523 SOT-523 SOT-523 SOT-523 Shipping 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel
2. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
XXXYM
XXX = Product Type Marking Code (See Page 1, e.g. P04 = DDTA123EE) YM = Date Code Marking Y = Year ex: N = 2002 M = Month ex: 9 = September
Date Code Key Year Code Month Code Jan 1 2002 N Feb 2 2003 P March 3 Apr 4 2004 R May 5 2005 S Jun 6 Jul 7 2006 T Aug 8 2007 U Sep 9 2008 V Oct O Nov N 2009 W Dec D
DS30317 Rev. 2 - 2
2 of 3
DDTA (R1 = R2 SERIES) E
TYPICAL CURVES - DDTA143E
NEW PRODUCT
VCE(SAT), MAXIMUM COLLECTOR VOLTAGE (V)
250 Pd, POWER DISSIPATION (MILLIWATTS)
1
IC/IB = 10
200
0.1
75C -25C 25C
150
100
0.01
50
0 -50 0 50 100 150
0.001 0 10 20 30 40 50 IC, COLLECTOR CURRENT (mA) Fig. 2 VCE(SAT) vs. IC
TA, AMBIENT TEMPERATURE (C) Fig. 1 Derating Curve
1000
12
VCE = 10
hFE, DC CURRENT GAIN (NORMALIZED)
IE = 0mA
75C
COB, CAPACITANCE (pF)
10 8 6 4 2 0
100
25C
-25C
10
1 1 10 IC, COLLECTOR CURRENT (mA) Fig. 3 DC CURRENT GAIN 100
0
5
10
15
20
25
30
VR, REVERSE BIAS VOLTAGE (V) Fig. 4 Output Capacitance
10
100 IC, COLLECTOR CURRENT (mA)
75C VO = 5V 25C
VO = 0.2
-25C
Vin, INPUT VOLTAGE (V)
10
-25C
75C
1
1
25C
0.1
0.01 0 1 2 3 4 5 6 7 8 9 10
1 0 10 20 30 40 50 IC, COLLECTOR CURRENT (mA) Fig. 6 Input Voltage vs. Collector Current
Vin, INPUT VOLTAGE (V) Fig. 5 Collector Current Vs. Input Voltage
DS30317 Rev. 2 - 2
3 of 3
DDTA (R1 = R2 SERIES) E


▲Up To Search▲   

 
Price & Availability of DDTA114EE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X